PART |
Description |
Maker |
ATTINY24A-MFR ATMEGA8-16ANR ATMEGA8-16AU ATMEGA8-1 |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC20 8-bit Atmel with 8KBytes In-System PRogrammable Flash High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
|
ATMEL CORP ATMEL Corporation
|
DRPIC1655X |
High Performance Configurable 8-bit RISC Microcontroller
|
Digital Core Design
|
PIC32MX664F128H PIC32MX664F064H PIC32MX664F064L PI |
High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP100 14 X 14 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-100 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-64 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQCC64
|
Microchip Technology Semtech, Corp.
|
DSPIC30F6015T-30E/PT DSPIC30F6015T-30E/S DSPIC30F6 |
16-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP64 High-Performance, 16-Bit Digital Signal Controllers High-Performance, 16-Bit Digital Signal Controllers
|
Microchip Technology
|
HT48R06A-1 |
8-Bit High Performance RISC-like OTP Microcontroller(8位、高性能、类似RISC、一次可编程微控制器,用于多I/O接口设备)
|
Holtek Semiconductor Inc.
|
HT48R50A-1 |
8-Bit High Performance RISC-like Microcontroller Suitable for Multiple I/O Application(高性能、指令类似RISC位微控制器,用于多I/O接口设备)
|
Holtek Semiconductor Inc.
|
AT90SC19236R AT90SC19236RT |
Low-power, High performance 8-bit/16-bit secure microcontroller with 192K Byte ROM, 36K Byte EEPROM programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out High-performance, Low-power secureAVR?Enhanced RISC architecture. SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
S3F380D S3C380D |
Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
|
SAMSUNG[Samsung semiconductor]
|
PIC18LF8720-I/PT PIC18F8720-IPTSQTP PIC18F8720-IPT |
8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PQFP80 64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
|
Micrel Semiconductor
|
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
XC2387C XC2388C SAF-XC2387C-104F100L |
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance 32-BIT, FLASH, 100 MHz, RISC MICROCONTROLLER, PQFP144
|
Infineon Technologies AG
|
PIC18F24J10 PIC18F24J10-I_ML PIC18F24J10-I_MLQTP P |
28/40/44-Pin High-Performance, RISC Microcontrollers
|
Microchip Technology
|
|